Part Number Hot Search : 
UR202 RDAT212 OMXXX D71054GB ADSP2195 SGP12A MJE180 40ST8
Product Description
Full Text Search
 

To Download RR2632 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  precision 0.1% and 0.5%, tolerance susumu co.,ltd rr series www.susumu.co. jp t hin film chip resisto r ? excellent low noise, thin film(nicr) construction ? low temperature coefficient and tight tolerance ? eia standard case size(0201, 0402, 0603, 0805) ? rohs compliance and 100% lead-free (m atte sn termination finished) applications features ? telecommunications ? test & measurement ? power supplies ? computer & peripherals electrical specification performance max typical short time overload 2.5 times of rated load x 5sec. +/- 0.5% +/- 0.1% load life 70 o c rated load 90min. on/ 30min. off per cycle x1000 +/- 0.5% +/- 0.1% humidity 60 o c 95% rh rated voltage loaded 90min. on/ 30min. off per cycle x1000 +/- 0.5% +/- 0.1% temp. cycling -55 o c (30min)/room temp.(2min) / +125 o c(30min)/room temp.(2min) no load per cycle x1000 +/- 0.5% +/- 0.1% high temperature 125 o c no load 1000h +/- 0.5% +/- 0.1% performance of reliability item test methode (ohm) (ppm/ o c) + 1.0% (f) 10-30 100(r) + 0.5% (d) 33-22k 25(p) 10-97.6 100(r) 100-100k 25(p) 10-97.6 50(q) 100-360k + 0.1% (b) 100-332k 100-332k 10-97.6 50(q) 100-1m + 0.1% (b) 100-1m 100-1m 10-49.9 50(q) 51-2m + 0.1% (b) 100-1m 100-1m 10-49.9 50 ( q ) 51-2m + 0.1% (b) 100-2m 51-2m 25(p) + 0.5% (d) 10-2m 1210 + 0.5% (d) 10-1m 25(p) 0.125w 10-1m 25(p) 100v e-24, e-96 0.063w 25(p) 10-360k + 0.5% (d) 0402 rr0510 rr0816 0603 15v e-24 0.050w 25v e-24, e-96 + 0.5% (d) 10-22k 10-100k 0.063w 75v e-24, e-96 150v 200v e-24, e-96 e-24, e-96 + 0.5% (d) rr1220 0805 0.100w 1206 rr1632 0.250w RR2632 0201 rr0306 resistance vaues (e-series) resistance rnage (ohm) temperature cofficient (code) max. operating voltage resistance tolerance (code) type size power rating ar 70 o c
precision 0.1% and 0.5%, tolerance t hin film chip resisto r susumu co.,ltd rr series www.susumu.co. jp tape & reel dimensions (mm) sldering temperature profile 300 250 200 150 100 50 0 10 sec. 1-5 o c/sec. 1-5 o c/sec. 1-9 o c/sec. 120 sec. peak temperature 260 o c power derating curve recommended reflow curve dimensions (mm) dimensions & footprints a b c pp l w t lw p t .024.002 .012.002 .005.002 .009.002 (0.6 0.05) (0.3 0.05) (0.12 0.05) (0.23 0.05) .040.002 .020.002 .008.004 .014.002 (1.0 0.05) (0.5 0.05) (0.2 0.1) (0.35 0.05) .063 .008 .031 .008 .012 .008 0.016 .004 (1 .6 0 .2 ) (0 .8 0 .2 ) (0 .3 0 .2 ) (0 .4 0 .1 ) .079 .008 .049 .008 .016 .008 0.016 .004 (2 .0 0 .2 ) (1 .2 5 0 .2 ) (0 .4 0 .2 ) (0 .4 0 .1 ) .126 .008 .063 .008 .02 .01 0.016 .004 (3.2 0.2) (1.6 0.2) (0.5 0.25) (0.4 0.1) .126 .008 .010 .008 .02 .01 0.016 .004 (3.2 0.2) (2.6 0.2) (0.5 0.25) (0.4 0.1) rr0306 rr1632 rr0510 rr0816 rr1220 RR2632 abc rr0306 0.28 0.76 0.34 rr0510 0.5 1.6 0.6 rr0816 1.0 3.0 1.2 rr1220 1.2 4.0 1.65 rr1632 2.2 5.0 2.0 rr3226 2.2 5.0 3.0 dimensions inch (mm) 100 50 0 -55 0 50 100 70 ambient temperature ( o c) 150 125 rated dissipation(%) 100 50 0 -55 0 50 100 70 ambient temperature ( o c) 150 125 rated dissipation(%)
precision 0.1% and 0.5%, tolerance susumu co.,ltd rr series www.susumu.co. jp t hin film chip resisto r ordering information rr 0816 p d 104 - ty p e size 0306 0510 0816 1220 tcr p=25ppm/ o c q=50ppm/ o c r=100ppm/ o c - r-values 3 digits for e24 series (ex.104=100k ohm ) 4 digits for e96 series (ex.4992=49.9k ohm ) tolerance d=0.5% - xxx "3" digit code to be added when e96 series of rr0816 (ex. 49.9k=68c) m "m" code to be added when e96 series of rr1220 - rr 0816 p m b 104 type size 0510 0816 1220 tcr p=25ppm/ o c r-values 3 digits for e24 series (ex.104=100k ohm ) 4 digits for e96 series (ex.4992=49.9k ohm ) tolerance b=0.1% package blank =1000 t5=5000 t5 "3" digit code to be added when e96 series of rr0816 (ex. 49.9k=68c) ---- "m" code to be added when e96 series of rr1220 xxx - rr 1632 p t1 d 1002 type size 1632 2632 tcr p=25ppm/ o c q=50ppm/ o c r-values 4 digits for all values (ex.1003=100k ohm ) r=decimal (ex.49r9=49.9 ohm ) tolerance b=0.1% d=0.5% package t1=1000 t5=5000 --- identification showing rohs compliance & lead-free (matte sn 100%) rr1220p-1152- b - m - t5 q.t.y 5000pcs inspected f made in japan susumu co.,ltd. y331704-- k n: parts number (type designation) quantity per reel manufacturing date code rohs compliance and 100% lead free information our compliance parts will be differentiated by label on the plastic reel. compliant components: dotted line on the label. (please see description)
precision 0.1% and 0.5%, tolerance susumu co.,ltd rr series www.susumu.co. jp t hin film chip resisto r 3 digit of resistance code for e96 series table 1 shows the first two digits of the three-digit e96 part-marking scheme. code value code value code value code value code value code value 01 100* 17 147 33 215 49 316 65 464 81 681 02 102 18 150* 34 221 50 324 66 475 82 698 03 105 19 154 35 226 51 332 67 487 83 715 04 107 20 158 36 232 52 340 68 499 84 732 05 110* 21 162 37 237 53 348 69 511 85 750* 06 113 22 165 38 243 54 357 70 523 86 768 07 115 23 169 39 249 55 365 71 536 87 787 08 118 24 174 40 255 56 374 72 549 88 806 09 121 25 178 41 261 57 383 73 562 89 825 10 124 26 182 42 267 58 392 74 576 90 845 11 127 27 187 43 274 59 402 75 590 91 866 12 130* 28 191 44 280 60 412 76 604 92 887 13 133 29 196 45 287 61 422 77 619 93 909 14 137 30 200* 46 294 62 432 78 634 94 931 15 140 31 205 47 301 63 442 79 649 95 953 16 143 32 210 48 309 64 453 80 665 96 976 the third character is a letter multilier: code a h c d e f r s multipliers 10 0 10 1 10 2 10 3 10 4 10 5 10 -1 10 -2 * the resistance value duplicated in e24 series and in e96 series shall be manufactured in e24 only


▲Up To Search▲   

 
Price & Availability of RR2632

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X